Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 350 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 350 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 354Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-42
Freescale Semiconductor
9.11.1.15 PCI Inbound Translation Address Registers (PITAR
x)
The PCI inbound translation address registers (PITARx), shown in Figure 9-29, select the base addresses
in the 60x address space of the translation windows for transactions generated by the master on the PCI
bus. The new translated address is created by concatenating the transaction offset to this base address.
Refer to Section 9.10.2.1, “PCI Inbound Translation.”
Figure 9-29. PCI Inbound Translation Address Registers (PITAR
x)
Table 9-16 describes PITARx.
9.11.1.16 PCI Inbound Base Address Registers (PIBAR
x)
The PCI inbound base address registers (PIBARx), shown in Figure 9-30, select the starting addresses (in
PCI memory space) of the windows to be translated. These registers are tied to the GPLABARx registers;
see Section 9.11.2.14, “General Purpose Local Access Base Address Registers (GPLABARx).” A change
1
Parity bit
Parity bit for PCI bus data word.
0
Valid info
When this bit is set, the PCI bus error capture registers (PCI_EACR, PCI_EDCR,
and PCI_ECCR) contain valid information.
Writing ‘0’ to this bit enables the capture of a new error in the PCI bus error
capture registers (PCI_EACR, PCI_EDCR, and PCI_ECCR).
31
20
19
16
Field
—
TA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x108EC (PITAR0); 0x108D2 (PITAR1)
15
0
Field
TA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x108EA (PITAR0); 0x108D0 (PITAR1)
Table 9-16. PITAR
x Field Descriptions
Bits
Name
Description
31–20
—
Reserved, should be cleared.
19–0
Translation address
60x address which indicates the starting point of the inbound translated address.
The translation address must be aligned based on the window’s size. This
corresponds to bits 31-12 of a 32-bit address
Table 9-15. PCI_ECCR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com