Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 352 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 352 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 356Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 352 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-44
Freescale Semiconductor
Figure 9-31. PCI Inbound Comparison Mask Registers (PICMR
x)
Table 9-18 describes PICMRx.
31
30
29
28
20
19
16
Field
EN
NO_
SNOOP_
EN
PRE
—
CM
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x108FA (PICMR0); 0x108E2 (PICMR1)
15
0
Field
CM
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x108F8 (PICMR0); 0x108E0 (PICMR1)
Table 9-18. PICMR
x Field Descriptions
Bits
Name
Description
31
Enable
Setting this bit enables address translation
30
NO_SNOOP_EN
Controls whether the PCI bridge generates snoop transactions on the 60x bus for
PCI-to-60x memory transactions which hit in this address translation window.
Disabling snooping is a performance enhancement for systems that do not need to
maintain coherency on system memory accesses by PCI.
0 Snooping is enabled.
1 Snooping is disabled.
29
Prefetchable
Indicates whether the address space is prefetchable so that streaming can occur.
0 not prefetchable
1 prefetchable
28–20
—
Reserved, should be cleared.
19–0
Comparison mask
Indicates the size of the space to be translated. The value in the register represents
which of the most significant address bits to compare for a window match.
Non-contiguous comparison mask bits cause unpredictable behavior.
Examples:
PICMR = 0b0xxx_xxxx_xxxx_xxxx_xxxx_xxxx_xxxx_xxxx
Inbound window is disabled.
PICMR = 0b1xxx_xxxx_xxxx_1111_1111_1111_1111_1111
The mask is 20 bits (physical address bits 31-12) which corresponds to a 4Kbyte
window size. This is the smallest window size allowed.
PICMR = 0b1xxx_xxxx_xxxx_1111_1111_1111_0000_0000
The mask is 12 bits (physical address bits 31-20) which corresponds to a 1Mbyte
window size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com