Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 356 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 356 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 360Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 356 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-48
Freescale Semiconductor
Figure 9-35. PCI Bus Command Register
9.11.2.4
PCI Bus Status Register
The PCI bus status register, shown in Figure 9-36, is used to record status information for PCI bus-related
events. Only 2-byte accesses to address offset 0x06 are allowed.
15
10
9
8
7
6
5
43
21
0
Field
—
FB-B
SERR
—
PERRR
—
MWI
SC
BM
MEM
I/O
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x04
Table 9-22. PCI Bus Command Register Description
Bits
Name
Description
15–10
—
Reserved, should be cleared.
9
Fast back-to-back
Hardwired to 0, indicating that the PCI bridge as a master does not run fast
back-to-back transactions.
8
SERR
Controls the SERR driver of the PCI bridge. This bit (and bit 6) must be set to report
address parity errors.
0 Disables the SERR driver
1 Enables the SERR driver
7
—
Reserved, should be cleared.
6
Parity error response
Controls whether the PCI bridge responds to parity errors on the PCI bus.
0 Parity errors are ignored and normal operation continues.
1 Action is taken on a parity error.
5
—
Reserved, should be cleared.
4
Memory-write-and-
invalidate
Hardwired to 0, indicating that the PCI bridge acting as a master does not generate
the memory-write-and-invalidate command. The PCI bridge generates a
memory-write command instead.
3
Special-cycles
Hardwired to 0, indicating that the PCI bridge as a target ignores all special-cycle
commands.
2
Bus master
Controls whether the PCI bridge can act as a master on the PCI bus. This bit is
cleared if the PCI bridge is powered-up as an agent device and is set if it is
powered-up as a host bridge device.
0 Disables the ability to generate PCI accesses. In host bridge mode, read
transactions return undefined data and write transactions lose data. In agent
mode, transactions are held until this bit is enabled.
1 Enables the PCI bridge to behave as a PCI bus master
1
Memory space
Controls whether the PCI bridge as a target responds to memory accesses.
0 The PCI bridge does not respond to PCI memory space accesses.
1 The PCI bridge responds to PCI memory space accesses.
0
I/O space
Hardwired to 0, indicating that the PCI bridge as a target does not respond to PCI
I/O space accesses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com