Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 358 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 358 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 362Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-50
Freescale Semiconductor
9.11.2.5
Revision ID Register
Figure 9-37 and Table 9-24 describe the revision ID register.
Figure 9-37. Revision ID Register
9.11.2.6
PCI Bus Programming Interface Register
Figure 9-38 and Table 9-25 describe the PCI bus programming interface register.
Figure 9-38. PCI Bus Programming Interface Register
7
0
Field
RID
Reset
Refer to Table 9-24.
R/W
R
Addr
0x08
Table 9-24. Revision ID Register Description
Bits
Name
Reset
Value
Description
7–0
Revision ID
Revision
Dependent
Specifies a device-specific revision code for the MPC8280 (assigned
by Freescale). Revision ID = 0x11 for .25
µm revisions A.0, B.1, and
C.0. Revision ID = 0x20 for 0.13
µm devices.
7
0
Field
PI
Reset
Refer to Table 9-25.
R/W
R
Addr
0x09
Table 9-25. PCI Bus Programming Interface Register Description
Bits
Name
Description
7–0
Programming interface
0x00 When the PCI bridge is configured as host bridge.
0x01 When the PCI bridge is configured as a peripheral device to indicate the
programming model supports the I2O interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com