Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 354 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 354 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 354 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-46
Freescale Semiconductor
Figure 9-32. PCI Bridge PCI Configuration Registers
The PCI configuration registers are accessible from the core through an indirect method discussed in
“Section 9.11.2.26, PCI Configuration Register Access from the Core” on page 62. The registers are
accessible from the PCI bus through the PCI configuration transaction when the PCI bridge is in agent
mode.
The following sections describe the individual PCI configuration registers.
3E
MIN GNT
R
0x00
9.11.2.20/9-58
3F
MAX LAT
R
0x00
9.11.2.21/9-58
40
Reserved
—
—
—
44
PCI function
R/W
0x0000
9.11.2.22/9-59
46
PCI arbiter control register
R/W
Mode-dependent
9.11.2.23/9-60
48
Hot swap register block
R/W
0x00nn_0006
9.11.2.24/9-61
9.11.2.25/9-61
Address offset
(Hex)
00
Device ID (0x18C0)
Vendor ID (0x1057)
04
PCI status
PCI command
08
Class code
Subclass code
Standard programming
Revision ID
0C
BIST control
Header type
Latency timer
Cache line size
10
PIMMR base address register
14
GPLA base address register 0
18
GPLA base address register 1
••
—
•
•
2C
Subsystem ID
Subsystem vendor ID
••
—
••
34
—
Capabilities pointer
38
—
3C
MAX LAT
MIN GNT
Interrupt pin
Interrupt line
40
—
44
PCI arbiter control
PCI function
48
Hot swap CSR
Hot swap capability ID
Table 9-19. PCI Bridge PCI Configuration Registers (continued)
Address
(offset)
Register
Access
Reset
Section/Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com