Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 355 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 355 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 351Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 352Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-47
9.11.2.1
Vendor ID Register
Figure 9-33 and Table 9-20 describe the vendor ID register.
Figure 9-33. Vendor ID Register
9.11.2.2
Device ID Register
Figure 9-34 and Table 9-21 describes the device ID register.
Figure 9-34. Device ID Register
9.11.2.3
PCI Bus Command Register
Figure 9-35 and Table 9-22 describe the PCI bus command register that provides control over the ability
to generate and respond to PCI cycles.
15
0
Field
VID
Reset
0001_0000_0101_0111
R/W
R
Addr
0x00
Table 9-20. Vendor ID Register Description
Bits
Name
Description
15–0
Vendor ID
Identifies the manufacturer of the device (0x1057 = Freescale)
15
0
Field
DID
Reset
0001_1000_1100_0000
R/W
R
Addr
0x02
Table 9-21. Device ID Register Description
Bits
Name
Description
15–0
Device ID
Identifies the particular device (0x18C0 = MPC8280)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com