Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 357 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 357 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 353Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 354Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 355Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 356Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 361Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-49
Reads to this register behave normally. Writes are slightly different in that bits can be cleared, but not set.
A bit is cleared whenever the register is written, and the data in the corresponding bit location is set. For
example, to clear bit 14 and not affect any other bits in the register, write the value
0b0100_0000_0000_0000 to the register.
Figure 9-36. PCI Bus Status Register
Table 9-23 describes the PCI bus status register fields.
15
14
13
12
11
10
9
8
7
6
5
4
3
0
Field DPERR SSERR
RM-A
RT-A
ST-A
DEVSEL_T
DPD
FB-BC
—
66MHzC
CL
—
Reset
0000_0000_1011_0000
R/W
R/W
R
R/W
Addr
0x06
Table 9-23. PCI Bus Status Register Description
Bits
Name
Description
15
Detected parity error
Set whenever the PCI bridge detects a parity error on the PCI bus, even if parity
error handling is disabled (as controlled by bit 6 in the PCI bus command register).
14
Signaled system error
Set whenever the PCI bridge asserts SERR on the PCI bus.
13
Received master-abort Set whenever the PCI bridge, acting as the PCI master on the PCI bus, terminates
a transaction (except for a special-cycle) using master-abort.
12
Received target-abort
Set whenever a PCI bridge-initiated transaction on the PCI bus is terminated by
a target-abort.
11
Signaled target-abort
Set whenever the PCI bridge, acting as the PCI target on the PCI bus, issues a
target-abort to a PCI master.
10–9
DEVSEL timing
Hardwired to 0b00, indicating that the PCI bridge uses fast device-select timing
on the PCI bus.
8
Data parity detected
Set upon detecting a data parity error on the PCI bus. Three conditions must be
met for this bit to be set:
• The PCI bridge detects a parity error.
• The PCI bridge is acting as the bus master for the operation in which the error
occurred.
• Bit 6 in the PCI bus command register is set.
7
Fast back-to-back
capable
Hardwired to 1, indicating that the PCI bridge as a target is capable of accepting
fast back-to-back transactions.
6
—
Reserved, should be cleared.
5
66-MHz capable
This bit is read-only and indicates that the PCI bridge is capable of 66-MHz PCI
bus operation on the PCI bus.
4
Capabilities List
Hardwired to 1, indicating that the PCI bridge implements new capabilities on the
PCI bus.
3–0
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com