Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 361 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 361 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 357Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 358Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 365Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-53
9.11.2.11 Header Type Register
Figure 9-43 and Table 9-30 describe the header type register.
Figure 9-43. Header Type Register
9.11.2.12 BIST Control Register
Figure 9-44 and Table 9-31 describe the BIST control register.
Figure 9-44. BIST Control Register
9.11.2.13 PCI Bus Internal Memory-Mapped Registers Base Address Register
(PIMMRBAR)
In agent mode, the PCI bridge provides one base address register called the PCI bus internal
memory-mapped registers base address register (PIMMRBAR) to allow a host processor access to the
MPC8280’s internal memory-mapped registers. Transactions from PCI that “hit” the PIMMRBAR are
translated to the IMMR and sent to the logic that controls the internal memory-mapped registers.
PIMMRBAR is shown in Figure 9-45.
76
0
Field
MD
HT
Reset
0000_0000
R/W
R
Addr
0x0E
Table 9-30. Header Type Register Description
Bits
Name
Description
7
Multifunction device
The PCI bridge is not a multifunction PCI device.
6–0
Header type
Identifies the layout of bytes 0x10–0x3F of the configuration address space.
7
0
Field
BIST_CTRL
Reset
0000_0000
R/W
R
Addr
0x0F
Table 9-31. BIST Control Register Description
Bits
Name
Description
7–0
BIST control
Optional register for control and status of built-in self test (BIST)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com