Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 365 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 365 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 369Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-57
9.11.2.18 PCI Bus Interrupt Line Register
Figure 9-50 and Table 9-37 describes the PCI bus interrupt line register.
Figure 9-50. PCI Bus Interrupt Line Register
9.11.2.19 PCI Bus Interrupt Pin Register
Figure 9-51 and Table 9-38 describe the PCI bus interrupt pin register.
Figure 9-51. PCI Bus Interrupt Pin Register
7
0
Field
IL
Reset
0000_0000
R/W
R/W
Addr
0x3C
Table 9-37. PCI Bus Interrupt Line Register Description
Bits
Name
Description
7–0
Interrupt line
Contains the interrupt routing information. Software can use this register to hold
information regarding which input of the system interrupt controller the INTA
signal is attached to. Values in this register are specific to the system
architecture.
7
0
Field
IP
Reset
0000_0001
R/W
R
Addr
0x3D
Table 9-38. PCI Bus Interrupt Pin Register Description
Bits
Name
Description
7–0
Interrupt Pin
Indicates which interrupt pin the device (or function) uses (0x01 = INTA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com