Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 363 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 363 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 359Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 360Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 361Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 362Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 367Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-55
Figure 9-46. General Purpose Local Access Base Address Registers (GPLABAR
x)
Table 9-33 describes GPLABARx fields.
9.11.2.15 Subsystem Vendor ID Register
Figure 9-47 and Table 9-34 describe the subsystem vendor ID register.
Figure 9-47. Subsystem Vendor ID Register
31
16
Field
BA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x16 (GPLABAR0); 0x1A (GPLABAR1)
15
12
11
4
3
2
1
0
Field
BA
BA
PRE
T
MSI
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x14 (GPLABAR0); 0x18 (GPLABAR1)
Table 9-33. GPLABAR
x Field Descriptions
Bits
Name
Description
31–12
Base address
Represents the base address for the inbound GPLA memory window. The number
of upper bits that the PCI bridge allows to be writable is selected through the PICMR;
see Section 9.11.1.17, “PCI Inbound Comparison Mask Registers (PICMRx).”
11–4
Hardwired to zeros. (The minimum window size allowed is 4K.)
3
Prefetchable
Corresponds to the prefetchable bit in the PICMR; see Section 9.11.1.17, “PCI
Inbound Comparison Mask Registers (PICMRx).”
2–1
Type
Hardwired to 00 to indicate that the address can be located anywhere in 32-bit
address space.
0
Memory space indicator Address is mapped to memory space (hardwired to 0).
15
0
Field
SVID
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x2C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com