Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 367 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 367 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 363Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 364Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 371Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-59
9.11.2.22 PCI Bus Function Register
The PCI bus function register, shown in Figure 9-54, is used to determine the configuration of the PCI bus
interface.
Figure 9-54. PCI Bus Function Register
Table 9-41 describes PCI bus function register fields.
15
6
5
4
3
2
1
0
Field
—
CFG_LOCK
—
TRGT_
LATENCY_DIS
MSTR_
LATENCY_DIS
PCI_HA
Reset
0000_0000_0010_0000
R/W
R/W
R
Addr
0x44
Table 9-41. PCI Bus Function Register Field Descriptions
Bits
Name
Description
15–6
—
Reserved, should be cleared.
5
CFG_LOCK
Agent mode: Setting CFG_LOCK prevents an external PCI master from
accessing the configuration space while the 60x bus is doing internal
configuration. It is explicitly set and cleared by the 60x bus.
0 PCI bridge accepts accesses to the PCI configuration space or the internal
memory-mapped configuration space.
1 PCI bridge retries all accesses to the PCI configuration space or the internal
memory-mapped configuration space.
Host mode: the PCI configuration space is not accessible from the PCI side
when the device is in host mode; therefore, this bit applies only for the internal
memory-mapped configuration space.
0 PCI bridge accepts accesses to the internal memory-mapped configuration
space.
1 PCI bridge retries all accesses to the internal memory-mapped configuration
space.
4-3
—
Reserved, should be cleared.
2
TRGT_LATENCY_DIS
Target latency time-out disable. Controls whether the PCI bridge as a target
time-outs when the first data phase of a transaction has not completed in 16 PCI
cycles.
0 Target latency time-out enabled.
1 Target latency time-out disabled.
1
MSTR_LATENCY_DIS
Master latency timer disable. Controls whether the PCI bridge as a master ends
a transaction after the expiration of the master latency timer. See
Section 9.11.2.10, “PCI Bus Latency Timer Register.”
0 Master latency timer enabled.
1 Master latency timer disabled.
0
PCI_HA
Set or cleared by a Power-On configuration bit on power-up and is read-only.
0 PCI interface is in host mode
1 PCI interface is in agent mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com