Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 369 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 369 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 365Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 373Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-61
9.11.2.24 PCI Hot Swap Register Block
The PCI Hot Swap register block, shown in Figure 9-56, is a set of registers in a capability structure. It
contains the Hot Swap control status register itself, as well as other fields as required by the capabilities
list format.
Figure 9-56. Hot Swap Register Block
Table 9-43 describes the Hot Swap register block fields.
9.11.2.25 PCI Hot Swap Control Status Register
Figure 9-57 and Table 9-44 describe the Hot Swap control status register.
Figure 9-57. Hot Swap Control Status Register
31
24
23
16
Field
—
HS_CSR (See Section 9.11.2.25, “PCI Hot Swap
Control Status Register.”)
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x4A
15
8
7
0
Field
NXT_PTR
CAP_ID
Reset
0000_0000_0000_0110
R/W
R/W
R
Addr
0x48
Table 9-43. Hot Swap Register Block Field Descriptions
Bits
Name
Description
31–24
—
Reserved. Should be cleared.
23–16
HS_CSR
Hot Swap control status register; see Section 9.11.2.25, “PCI Hot Swap Control
Status Register.”
15–8
NXT_PTR
Next pointer—an offset into the device’s PCI configuration space for the location
of the next item in the capabilities linked list. A value of 0x00 indicates that this is
the last item in the list.
7–0
CAP_ID
CompactPCI ® Hot Swap capability ID (read only).
23
22
21
20
19
18
17
16
Field
INS
EXT
—
LOO
—EIM
—
Reset
0000_0000
R/W
R/W
Addr
0x4A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com