Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 370 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 370 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 366Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 367Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 368Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 369Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 374Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-62
Freescale Semiconductor
9.11.2.26 PCI Configuration Register Access from the Core
The 60x bus master cannot directly access the PCI configuration registers because they are not in the
internal memory-mapped configuration register’s space. The 60x bus master must first load CFG_ADDR
(at offset 0x10900 in the memory-mapped configuration registers block) with a 32-bit register address in
the form ‘0x8000_0nnn,’ where nnn is the address offset of the desired PCI configuration register. The data
can then be accessed in CFG_DATA (at offset 0x10904 in the internal memory map). See
Section 9.9.1.4.4, “Host Mode Configuration Access.”
When accessing the PCI bridge’s PCI configuration registers with the 60x bus master, note the following:
•
The bus number and device number fields of the CFG_ADDR register should be cleared.
•
Accesses to CFG_ADDR or CFG_DATA which are greater than 4 bytes generate an illegal register
access error setting ECR[IRA]; see Section 9.11.1.11, “Error Control Register (ECR).”
•
Accesses to CFG_DATA without a valid offset in CFG_ADDR generates an I/O transaction on the
PCI bus.
9.11.2.27 PCI Configuration Register Access in Big-Endian Mode
Since the local CPU (internal core or external) is operating in big-endian mode, software must byte-swap
the data of the configuration register before performing an access. That is, the data appears in the core
register in ascending significance byte order (LSB to MSB). Software loads the configuration register
address and the configuration register data into the core register in ascending significance byte order (LSB
to MSB).
Note that in the following examples, the data in the configuration register (at 0x18) is shown in
little-endian order. This is because all the internal registers are intrinsically little-endian.
Table 9-44. Hot Swap Control Status Register Field Descriptions
Bit
Name
Description
23
INS
ENUM status: insertion. Write a ‘1’ to clear this bit.
0 ENUM is not asserted
1 ENUM is asserted
22
EXT
ENUM status: extraction. Write a ‘1’ to clear this bit.
0 ENUM is not asserted
1 ENUM is asserted
21–20
—
Reserved. Should be cleared.
19
LOO
LED on/off when the hardware is in state H2. Read/write-able.
0 LED off
1 LED on
18
—
Reserved. Should be cleared.
17
EIM
ENUM signal mask. Read/write-able.
0 Enable signal
1 Mask signal
16
—
Reserved. Should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com