Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 374 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 374 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 370Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 371Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 372Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 376Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 378Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-66
Freescale Semiconductor
Figure 9-59. PCI Configuration Data Structure for the EEPROM
After a hard reset, if the auto-load enable bit has been set in the hard reset configuration word, a special
internal CP routine checks the EEPROM contents and loads the configuration data into the specified
addresses. Note that the initialization data can be loaded into any memory location (not restricted to the
PCI configuration space) by this routine.
9.12
Message Unit (I2O)
The embedded processor is often part of a larger system containing many processors and distributed
memory. These processors tend to work on tasks independent of the host processor(s) and other peripheral
processors in the system. Because of the independent nature of the tasks, it is necessary to provide a
communication mechanism between the peripheral processors and the rest of the system. One such method
is the use of messages. The PCI bridge provides a messaging unit to further facilitate communications
between host and peripheral. The PCI bridge’s message unit can operate with either generic messages and
door bell registers, or as an I2O interface.
9.12.1
Message Registers
The PCI bridge contains two inbound message registers and two outbound message registers. The registers
are each 32 bits. The inbound registers allow a remote host or PCI master to write a 32-bit value which in
turn causes an interrupt to the local processor that implements the PowerPC architecture because the
register indirectly drives an interrupt line to the local processor. The outbound register allows the local
processor to write an outbound message which, in turn, causes the outbound interrupt signal INTA to
assert.
0x10
0x08
Configuration byte
0x04
+0x1A
Init Table Pointer + 0x00
Init Table Pointer
+0x28
Configuration byte
Configuration byte
Address, data, size
Address, data, size
Address, data, size
Address, data, size,
LAST
+0x0C
EEPROM start address + 0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com