Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 377 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 377 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 373Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 376Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 379Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 380Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 381Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-69
Figure 9-62. Outbound Doorbell Register (ODR)
9.12.2.2
Inbound Doorbell Register (IDR)
IDR, described in Figure 9-63 and Table 9-49, is accessible from the PCI bus and the 60x bus in both host
and agent modes.
Figure 9-63. Inbound Doorbell Register (IDR)
31
29
28
16
Field
—
ODR
x
Reset
0000_0000_0000_0000
R/W
Refer to Table 9-48.
Addr
0x10462
15
0
Field
ODR
x
Reset
0000_0000_0000_0000
R/W
Refer to Table 9-48.
Addr
0x10460
Table 9-48. ODR Field Descriptions
Bits
Name
Access
Description
31–29
—
R
Reserved, should be cleared.
28–0
ODR
x
Write 1 to set from local processor.
Write 1 to clear from PCI.
Outbound door bell
x, where x is each bit. Writing a bit in
this register from the local processor causes an interrupt
(INTA) to be generated.
31
30
16
Field IMC
IDR
x
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x1046A
15
0
Field
IDR
x
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com