Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 378 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 378 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 374Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 375Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 376Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 379Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 380Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 381Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 382Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-70
Freescale Semiconductor
9.12.3
I2O Unit
The Intelligent Input Output specification (I2O) was established in the industry to allow
architecture-independent I/O subsystems to communicate with an OS through an abstraction layer. The
specification is centered around a message passing scheme. An I2O embedded peripheral (IOP) is
comprised of memory, processor, and input/output device(s). An IOP dedicates space in its local memory
to hold inbound (from the remote host) and outbound (to the remote host) messages. The space is managed
as memory-mapped FIFOs, with pointers to this memory maintained in hardware.
Messages are made up of frames which are a minimum of 64-bytes in length. The message frame address
(MFA) is the address which points to the first byte of the message frame. The messages are located in
local-system memory. Tracking of the status and location of these messages is done with four FIFOs (two
FIFOs for inbound and two for outbound messages) also located in local-system memory. Hardware
registers inside the PCI bridge’s core logic manage these FIFOs. One FIFO in each queue keeps track of
the free MFAs (Free_LIST FIFO). The other FIFO keeps track of the MFAs which have posted messages
(Post_LIST FIFO). Figure 9-64 shows an example of the message queues, although there is no specific
order that these queues must follow.
Table 9-49. IDR Field Descriptions
Bits
Name
Access
Description
31
IMC
Write 1 to set from PCI.
Write 1 to clear from local processor.
Machine check. Writing to this bit will generate a machine
check interrupt to the local processor.
30–0
IDR
x
Write 1 to set from PCI.
Write 1 to clear from local processor.
Inbound door bell
x, where x is each bit. Writing a bit in this
register from the PCI bus causes an interrupt to be
generated through
the PCI bridge to the local processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com