Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 381 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 381 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 379Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 380Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 381Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 382Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 383Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 384Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 385Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-73
Figure 9-66. Inbound Free_FIFO Tail Pointer Register (IFTPR)
9.12.3.2.2
Inbound Post_FIFO Head Pointer Register (IPHPR) and
Inbound Post_FIFO Tail Pointer Register (IPTPR)
The inbound post FIFO holds MFAs from external PCI masters which are posted to the local processor.
PCI masters, external to the PCI bridge, write to the head of the FIFO by writing the MFA to IFQPR (refer
to Section 9.12.3.4.1, “Inbound FIFO Queue Port Register (IFQPR)”). The I2O unit transfers the MFA to
the location pointed to by the IPHPR. The local address is QBAR + IPHPR.
Once the MFA has been written to the queue in local memory, the PCI bridge’s I2O unit advances the
IPHPR to set up for the next message. This causes an interrupt to be asserted to the local processor. The
inbound post queue interrupt bit in the inbound interrupt status register (IMISR[IPQI]) is set to indicate
this condition (refer to Table 9-62). The local processor acknowledges the message (i.e. MFA) by writing
a one to the appropriate status bit (IMISR[IPQI]) to clear it. The local processor fetches the MFA by
reading the contents of the IPTPR. After the local processor has read the message pointed to by the MFA,
the local processor must advance the IPTPR. Once the processor has completed use of the message, it must
return the message buffer (i.e. MFA) to the inbound free list FIFO.
PCI masters post MFAs to the inbound post list FIFO that is pointed to by the inbound post_FIFO head
pointer register, described in Figure 9-67 and Table 9-52. The PCI writes are addressed to the inbound
queue port. Hardware (in the I2O module) automatically advances the IPHPR after every write.
31
20
19
16
Field
QBA
IFTP
Reset
0000_0000_0000_0000
R/W
R
R/W
Addr
0x104AA
15
21
0
Field
IFTP
—
Reset
0000_0000_0000_0000
R/W
R/W
R
Addr
0x104A8
Table 9-51. IFTPR Field Descriptions
Bits
Name
Description
31–20
QBA
Queue base address. When read returns the contents of QBAR bits 31-20.
19–2
IFTP
Inbound free_FIFO tail pointer. Local memory offset of the tail pointer of the inbound free list FIFO.
1–0
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com