Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 385 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 385 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 381Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 382Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 383Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 384Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 385Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 386Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 387Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 389Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 385 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-77
An external PCI master reads the outbound queue port register. This causes the PCI bridge’s I2O unit to
read the MFA from local memory pointed to by the OPTPR+QBAR. The unit then advances the OPTPR.
When the FIFO is empty (head and tail pointers are equal), the unit returns 0xFFFF_FFFF.
The local processor posts MFAs to the outbound post list FIFO that is pointed to by the outbound
post_FIFO head pointer register, described in Figure 9-71 and Table 9-56. The local processor is
responsible for updating this register.
Figure 9-71. Outbound Post_FIFO Head Pointer Register (OPHPR)
Posted MFAs are picked up by PCI hosts that are pointed to by the outbound post_FIFO tail pointer
register, described in Figure 9-72 and Table 9-57. The PCI read is performed at the outbound queue port.
Hardware automatically advances this register after every read.
31
20
19
16
Field
QBA
OPHP
Reset
0000_0000_0000_0000
R/W
R
R/W
Addr
0x104D2
15
21
0
Field
OPHP
—
Reset
0000_0000_0000_0000
R/W
R/W
R
Addr
0x104D0
Table 9-56. OPHPR Field Descriptions
Bits
Name
Description
31–20
QBA
Queue base address. When read returns the contents of QBAR bits 31-20.
19–2
OPHP
Outbound post_FIFO head pointer. Local memory offset of the head pointer of the outbound
post list FIFO.
1–0
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com