Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 388 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 388 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 384Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 385Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 386Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 387Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 389Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 392Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-80
Freescale Semiconductor
9.12.3.4.3
Outbound Message Interrupt Status Register (OMISR)
OMISR contains the interrupt status of the I2O, door bell, and outbound message registers. A PCI device
acknowledges the outbound message interrupt by writing a 1 to the appropriate status bit: OMISR[OM1I]
or OMISR[OM0I]. This clears both the interrupt and the corresponding status bit. The local processor
provokes an outbound message interrupt by writing to either of the two outbound message registers:
OMR0 or OMR1. OMISR should be accessed only from the PCI bus IFQPR should be accessed only from
the PCI bus.
Figure 9-75. Outbound Message Interrupt Status Register (OMISR)
Table 9-60 describes OMISR fields.
Table 9-59. OFQPR Field Descriptions
Bits
Name
Description
31–0
OFQP
Outbound FIFO queue port. Reading this register will return the MFA from outbound
post list FIFO. Writing this register will post the MFA to the outbound free list FIFO.
31
16
Field
—
Reset
0000_0000_0000_0000
R/W
Refer to Table 9-60.
Addr
0x10432
15
65
43
21
0
Field
—
OPQI
—
ODI
—
OM1I OM0I
Reset
0000_0000_0000_0000
R/W
Refer to Table 9-60.
Addr
0x10430
Table 9-60. OMISR Field Descriptions
Bits
Name
R/W
Description
31–6
—
R
Reserved, should be cleared.
5
OPQI
R
Outbound post queue interrupt. When set indicates that a message or messages
are posted in the outbound queue. To clear the interrupt, software has to read all
MFAs in the outbound post FIFO. This bit is set regardless of the state of the
OPQIM mask bit.1
4
—
R
Reserved, should be cleared.
3
ODI
R
Outbound doorbell interrupt. When set indicates that there is an outbound doorbell
interrupt.
2
—
R
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com