Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 392 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 392 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 388Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 389Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 396Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 392 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-84
Freescale Semiconductor
9.12.3.4.7
Messaging Unit Control Register (MUCR)
This register allows software to enable and setup the size of the inbound and outbound FIFOs. MUCR
should be accessed only from the 60x bus and only in agent mode. Accesses while in host mode or from
the PCI bus have undefined results.
Figure 9-79. Messaging Unit Control Register (MUCR)
6
—
Reserved, should be cleared.
5
IPQIM
Inbound post queue interrupt mask
0 Inbound post queue interrupt is allowed.
1 Inbound post queue interrupt is masked.
4
MCIM
Machine check interrupt mask
0 Machine check interrupt from the inbound doorbell register is allowed.
1 Machine check interrupt is masked.
3
IDIM
Inbound doorbell interrupt mask
0 Inbound doorbell interrupt is allowed.
1 Inbound doorbell interrupt is masked.
2
—
Reserved, should be cleared.
1
IM1IM
Inbound message 1 interrupt mask
0 Inbound doorbell interrupt is allowed.
1 Inbound doorbell interrupt is masked.
0
IM0IM
Inbound message 0 interrupt mask
0 Inbound message 0 interrupt is allowed.
1 Inbound message 0 interrupt is masked.
31
16
Field
—
Reset
0000_0000_0000_0002
R/W
R/W
Addr
0x104E6
15
65
1
0
Field
—
CQS
CQE
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x104E4
Table 9-63. IMIMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com