Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 394 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 394 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 390Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 391Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 392Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 396Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 397Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 398Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-86
Freescale Semiconductor
9.13
DMA Controller
The PCI bridge’s DMA controller transfers blocks of data independent of the local core or PCI hosts. Data
movement occurs on the PCI and/or 60x bus. The PCI Bridge’s DMA module has four high-speed DMA
channels with an aggregate bandwidth conservatively estimated at 210 Mbytes per second, for 60x to PCI
transfer. The channels share 144 bytes of DMA-dedicated buffer space to facilitate the gathering and
sending of data. Both the local core and PCI masters can initiate a DMA transfer.
Features of the DMA controller include the following:
•
4 channels
•
Concurrent execution across multiple channels with programmable bandwidth control
•
All channels are accessible by local core and remote PCI masters.
•
Unaligned transfer capability
•
Data chaining and direct mode
•
Interrupt on completed segment, chain, and error
•
Supports all transfer combinations between 60x memory and PCI memory: 60x-to-60x,
PCI-to-PCI, 60x-to-PCI, and PCI-to-60x.
Figure 9-81 shows a block diagram of the DMA controller.
Figure 9-81. DMA Controller Block Diagram
9.13.1
DMA Operation
The DMA controller operates in two modes—chaining and direct. In direct mode, the software is
responsible for initializing the source, destination and byte count registers. In chaining mode, the software
first must build a chain of descriptor segments in external memory, residing either on the 60x or PCI bus,
and then initialize the current descriptor address register to point to the first descriptor segment in the
chain. In both modes, setting the start bit in the DMA mode register begins the DMA transfer.
DMA2
DMA3
DMA1
DMA0
Interface logic
I/O sequencer
60x bus
PCI bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com