Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 397 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 397 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 393Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 396Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 397Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 398Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 399Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 400Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 401Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-89
•
PCI-memory-to-60x-memory transfers—The DMA controller initiates reads on the PCI bus and
stores the data in the DMA queue. Once sufficient data is stored in the queue, a 60x memory write
is initiated. The DMA controller stops the transfer either for an error condition on the PCI bus or
60x bus, or when no data is left to transfer. Reading from PCI memory and writing to 60x memory
can occur concurrently.
•
60x-memory-to-PCI-memory transfers—The DMA controller initially fetches data from 60x
memory into the DMA queue. As soon as the first data arrives into the queue, the DMA engine
initiates write transactions to PCI memory. The DMA controller stops the transfer either when
there is an error on the PCI bus or 60x bus, or there is no more data left to transfer. Reading from
60x memory and writing to PCI memory can occur concurrently.
•
60x-memory-to-60x-memory transfers—The DMA controller begins reading data from 60x
memory and storing it in the DMA queue. Once sufficient data is stored in the queue, the DMA
controller begins writing data to 60x memory space beginning at the destination address. The
process is repeated until there is no more data to transfer or an error condition has occurred while
accessing memory.
9.13.1.6
DMA Registers
Each DMA channel has a set of seven 32-bit registers (mode, status, current descriptor address, next
descriptor address, source address, destination address, and byte count) to support transactions. This
section describes the format of the DMA support registers.
9.13.1.6.1
DMA Mode Registers 0–3 (DMAMR
x)
The mode register allows software to start the DMA transfer and to control various DMA transfer
characteristics.
Figure 9-82. DMA Mode Registers 0–3 (DMAMR
x)
31
24
23
21
20
19
18
17
16
Field
—
BWC
DM_SEN IRQS
—
DAHTS
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10502 (DMAMR0); 0x10582 (DMAMR1); 0x10602 (DMAMR2); 0x10682 (DMAMR3)
15
14
13
12
11
10
98
7
6
4
3210
Field
SAHTS
DAHE SAHE
PRC
—
EOTIE
—TEM CTM
CC
CS
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10500 (DMAMR0); 0x10580 (DMAMR1); 0x10600 (DMAMR2); 0x10680 (DMAMR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com