Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 399 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 399 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 396Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 397Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 398Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 399Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 400Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 403Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-91
9.13.1.6.2
DMA Status Registers 0–3 (DMASR
x)
The status register reports various DMA conditions during and after the DMA transfer. Writing a 1 to a
specific set bit clears the bit.
Figure 9-83. DMA Status Registers 0–3 (DMASR
x)
7
EOTIE
End-of-transfer interrupt enable. When set will generate an interrupt at the
completion of a DMA transfer. No EOT interrupt is generated if this bit is cleared. End
of transfer is defined as the end of a direct mode transfer or in chaining mode, as the
end of the transfer of the last segment of a chain.
6–4
—
Reserved, should be cleared.
3
TEM
Transfer error mask. This bit determines the DMA response in the event of a transfer
error. If this bit is set, the DMA will complete the transfer regardless of whether a
transfer error occurs (the TE bit is not set). If this bit is clear, the DMA will halt when
a transfer error occurs (TE bit is set).
2
CTM
Channel transfer mode
0
Chaining mode. See Section 9.13.1.2, “DMA Chaining Mode.”
1 Direct mode. See Section 9.13.1.1, “DMA Direct Mode.”
1
CC
Channel continue. When this bit is set, the DMA transfer will restart the transferring
process starting at the Current Descriptor Address. This bit applies only to chaining
mode and is cleared by hardware after every descriptor read.
0
CS
Channel start. A 0-to-1 transition occurring on this bit when the channel is not busy
(SR[CB] bit is 0) will start the DMA process. If the channel is busy and a 0 to 1
transition occurs, then DMA channel will restart from a previous halt condition. A
1-to-0 transition when the channel is busy (CB bit is 1) will halt the DMA process.
Nothing happens if the channel is not busy and a 1 to 0 transition occurs.
31
16
Field
—
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10506(DMASR0); 0x10586 (DMASR1); 0x10606 (DMASR2); 0x10686 (DMASR3)
15
87
6
3
21
0
Field
—
TE
—
CB
EOSI EOCDI
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10504 (DMASR0); 0x10584(DMASR1); 0x10604 (DMASR2); 0x10684 (DMASR3)
Table 9-66. DMAMR
x Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com