Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 398 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 398 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 394Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 395Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 396Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 397Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 398Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 399Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 400Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 402Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-90
Freescale Semiconductor
Table 9-66 describes DMAMRx fields.
Table 9-66. DMAMR
x Field Descriptions
Bits
Name
Description
31–24
—
Reserved, should be cleared.
23–21
BWC
Bandwidth control. This field only applies when multiple channels are executing
transfers concurrently. The field determines how many cache lines a given Channel
is allowed to transfer after it is granted access to the
IOS interface and before it
releases the interface to the next channel.
This allows the user to prioritize DMA
Channels.
000 1 cache line
001 2 cache lines
010 4 cache lines
011 8 cache lines
100 16 cache lines
20
DM_SEN
Direct mode snoop enable. When set allows snooping during direct mode DMA
transactions.
19
IRQS
Interrupt steer. When set routes all DMA interrupts to PCI bus through INTA. When
clear routes all DMA interrupts to local core.
18
—
Reserved, should be cleared.
17–16
DAHTS
Destination address hold transfer size. Indicates the transfer size used for each
transaction when DAHE is enabled. The Byte Count Register must be in multiples of
the size, and the Destination Address Register must be aligned based on the size.
00 1 byte
01 2 bytes
10 4 bytes
11 8 bytes
15–14
SAHTS
Source address hold transfer size. Indicates the transfer size used for each
transaction when SAHE is enabled. The Byte Count Register must be in multiples of
the size, and the Source Address Register must be aligned based on the size.
00 1 byte
01 2 bytes
10 4 bytes
11 -8 bytes
13
DAHE
Destination address hold enable. When set will allow the DMA controller to hold the
destination address constant for every transfer. The size used for transfer is
indicated by DAHTS. Note that hardware supports only aligned transfers for this
feature.
12
SAHE
Source address hold enable. When set will allow the DMA controller to hold the
source address constant for every transfer. The size used for the transfer is indicated
by SAHTS. Note that hardware supports only aligned transfers for this feature.
11–10
PRC
PCI read command. Indicates the types of PCI read command to use.
00 PCI read
01 PCI read line
10 PCI read multiple
11 Reserved
9–8
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com