Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 403 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 403 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 399Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 400Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 407Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 403 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-95
Figure 9-87. DMA Byte Count Registers 0–3 (DMABCR
x)
Table 9-71 describes DMABCRx fields.
9.13.1.6.7
DMA Next Descriptor Address Registers 0–3 (DMANDAR
x)
The next descriptor address register (NDAR) contains the address for the next segment descriptor in the
chain. In chaining mode, this register is loaded from the “next descriptor” field of the descriptor that the
current descriptor register is pointing to. Refer to Figure 9-89.
Figure 9-88. DMA Next Descriptor Address Registers 0–3 (DMANDAR
x)
31
26
25
16
Field
—
BC
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10522 (DMABCR0); 0x105A2(DMABCR1); 0x10622 (DMABCR2); 0x106A2 (DMABCR3)
15
0
Field
BC
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10520 (DMABCR0); 0x105A0 (DMABCR1); 0x10620 (DMABCR2); 0x106A0 (DMABCR3)
Table 9-71. DMABCR
x Field Descriptions
Bit
Name
Description
31–26
—
Reserved, should be cleared.
25–0
BC
Byte count. Contains the number of bytes to transfer. The value in this register is
decremented after each DMA read operation.
31
16
Field
NDA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10526 (DMANDAR0); 0x105A6 (DMANDAR1); 0x10626 (DMANDAR2); 0x106A6 (DMANDAR3)
15
54
3
2
1
0
Field
NDA
NDSNE
N
NDEOSIE
—EOTD
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10524 (DMANDAR0); 0x105A4 (DMANDAR1); 0x10624 (DMANDAR2); 0x106A4 (DMANDAR3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com