Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 407 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 407 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 411Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-99
9.14.1
Interrupt and Error Signals
Although Section 9.11, “Configuration Registers,” contains the definitions for the interrupt and error
signals, this section describes the interactions between system components when an interrupt or error
signal is asserted.
9.14.1.1
PCI Bus Error Signals
The PCI bridge uses two error signals to interact with the PCI bus, SERR and PERR.
9.14.1.1.1
System Error (SERR)
The SERR signal is used to report PCI address parity errors. It is driven for a single PCI clock cycle by the
agent that is reporting the error. The agent responsible for driving AD[31–0] on a given PCI bus phase is
responsible for driving even parity one PCI clock later on the PAR signal. (That is, the number of 1’s on
AD[31–0], PCI_C/BE[3–0], and PAR equals an even number.) The target agent is not allowed to terminate
with retry or disconnect if SERR is activated due to an address parity error.
Bits 8 and 6 of the PCI command register controls whether the PCI bridge asserts SERR upon detecting
one of the error conditions.
9.14.1.1.2
Parity Error (PERR)
The PERR signal is used to report PCI data parity errors during all PCI transactions, except for a PCI
special-cycle command. The agent responsible for driving AD[31–0] on a given PCI bus phase is
responsible for driving even parity one PCI clock later on the PAR signal. That is, the number of 1’s on
AD[31–0], PCI_C/BE[3–0], and PAR equals an even number.
The PERR signal must be asserted by the agent receiving data two PCI clocks following the data phase for
which a data parity error was detected. Only the master may report a read data parity error and only the
selected target may report a write data parity error.
Bit 6 of the PCI command register controls whether the PCI bridge ignores PERR.
9.14.1.1.3
Error Reporting
The error signals generated by the PCI bridge indicate which specific error has been detected.
The error control and address registers and the data capture registers are used to provide additional
information about the detected error. When an error is detected, the associated information is latched inside
these registers until all the associated error flags are cleared. Subsequent errors will set the appropriate
error flags in the error detection registers, but will not latch additional information.
9.14.1.2
Illegal Register Access Error
An illegal register access error occurs when an access to a configuration register is not specified to be 1
beat. When this occurs, ESR[IRA] is set (refer to Section 9.11.1.9, “Error Status Register (ESR)”). If a read
transaction causes the illegal access error the PCI bridge returns 0xFF (all 1s) and a write transaction with
an illegal register access error will be dropped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com