Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 406 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 406 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 410Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-98
Freescale Semiconductor
Example: Big Endian mode descriptor’s data structure. Note that the descriptor structure must be aligned
on an 8-word boundary.
struct {
double a;
/* 0x1122334455667788 double word
*/
double b;
/* 0x55667788aabbccdd double word
*/
double c;
/* 0x8765432101234567 double word */
double d;
/* 0x0123456789abcdef double word */
} Descriptor;
Results: Source Address = 0x44332211 <MSB..LSB>
Destination Address = 0x88776655 <MSB..LSB>
Next Descriptor Address = 0x21436587 <MSB..LSB>
Byte Count = 0x67452301 <MSB..LSB>
9.13.2.2
Descriptor in Little-Endian Mode
In little endian mode, the descriptor in PCI memory should be programmed such that data appears in
descending significant byte order. If segment descriptors are written to memory located in the PCI bus,
they are obeying the rules for little endian mode.
Example: Little Endian mode descriptor’s data structure. Note that the descriptor structure must be
aligned on an 8-word boundary.
struct {
double a;
/* 0x8877665544332211 double word
*/
double b;
/* 0x1122334488776655 double word
*/
double c;
/* 0x7654321012345678 double word */
double d;
/* 0x0123456776543210 double word */
} Descriptor;
Results: Source Address = 0x44332211 <MSB..LSB>
Destination Address = 0x88776655 <MSB..LSB>
Next Descriptor Address = 0x12345678 <MSB..LSB>
Byte Count = 0x76543210 <MSB..LSB>
9.14
Error Handling
The PCI bridge provides error detection and reporting. This section describes how the PCI bridge handles
different error (or interrupt) conditions.
Errors detected by the PCI bridge are reported by asserting internal error signals for each detected error.
The system error (SERR) and parity error (PERR) signals are used to report errors on the PCI bus.
The PCI command and status registers and the error handling registers enable or disable the reporting and
detection of specific errors. There are six registers which define capture and control functionality under
error conditions. Refer to section 9.11.1.9 through section 9.11.1.14.
The PCI bridge detects illegal transfer sizes to its configuration registers, PCI master-abort cycles, PCI
received target-abort errors, PCI parity errors, and overflow/underflow errors in the message unit.The PCI
bridge latches the address and type of transaction that caused the error in the error registers to assist
diagnostic and error handling software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com