Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 405 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 405 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 409Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-97
Figure 9-89. DMA Chain of Segment Descriptors
9.13.2.1
Descriptor in Big-Endian Mode
In big endian mode, the descriptor in 60x memory should be programmed such that data appears in
ascending significant-byte order. If segment descriptors are written to memory located in the 60x bus, they
should be treated like they are translated from big endian to little endian mode.
Source address
Local memory or PCI memory
Reserved
Destination address
Reserved
Next descriptor
Reserved
Byte count
Reserved
0x00
0x04
0x08
0x0C
0x10
0x14
0x18
0x1C
Offset
0
31
Source address
Reserved
Destination address
Reserved
Next descriptor
Reserved
Byte count
Reserved
0x00
0x04
0x08
0x0C
0x10
0x14
0x18
0x1C
Offset
0
31
Source address
Reserved
Destination address
Reserved
Next descriptor
Reserved
Byte count
Reserved
0x00
0x04
0x08
0x0C
0x10
0x14
0x18
0x1C
Offset
0
31
Descriptor 0
Descriptor 1
Descriptor N
(last)
EOTD=1
Current descriptor address register
0
31
Next descriptor address register
0
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com