Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 404 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 404 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 400Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 401Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 402Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 403Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 408Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-96
Freescale Semiconductor
Table 9-72 describes DMANDARx fields.
9.13.2
DMA Segment Descriptors
DMA segment descriptors contain the source and destination addresses of the data segment, the segment
byte count, and a link to the next descriptor. Segment descriptors are built on cache-line (32-byte)
boundaries in either 60x or PCI memory and are linked together into chains using the
next-descriptor-address field.
Application software initializes the current descriptor address register (DMACDARx) to point to the first
descriptor in the chain. For each descriptor in the chain, the DMA controller starts a new DMA transfer
with the control parameters specified by the descriptor. The DMA controller traverses the descriptor chain
until reaching the last descriptor (with its EOTD bit set).
Table 9-72. DMANDAR
x Field Descriptions
Bit
Name
Description
31–5
NDA
Next descriptor address. Contains the next descriptor address of the segment descriptor
in memory. It must be aligned on an 8-word (32-byte) boundary.
4
NDSNEN
Next descriptor snoop enable. When set will allow snooping on DMA transactions.
3
NDEOSIE
Next descriptor end-of-segment interrupt enable. When set will generate an interrupt at
the end of this DMA transfer.
2–1
—
Reserved, should be cleared.
0
EOTD
End-of-transfer descriptor. When set indicates that this descriptor is the last one to be
executed.
Table 9-73. DMA Segment Descriptor Fields
Descriptor Field
Description
Source address
Contains the source address of the DMA transfer. After the DMA controller reads the
descriptor from memory, this field will be loaded into the source address register. For the bit
definition, refer to Section 9.13.1.6.4, “DMA Source Address Registers 0–3 (DMASARx).”
Destination address
Contains the destination address of the DMA transfer. After the DMA controller reads the
descriptor from memory, this field will be loaded into the destination address register. For the
bit definition, refer to Section 9.13.1.6.5, “DMA Destination Address Registers 0–3
(DMADARx).”
Next descriptor address Points to the next descriptor in memory. After the DMA controller reads the descriptor from
memory, this field will be loaded into the next descriptor address register. For the bit definition,
refer to Section 9.13.1.6.7, “DMA Next Descriptor Address Registers 0–3 (DMANDARx).”
Byte count
Contains the number of bytes to transfer. After the DMA controller reads the descriptor from
memory, this field will be loaded into the byte count register. For the bit definition, refer to
Section 9.13.1.6.6, “DMA Byte Count Registers 0–3 (DMABCRx).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com