Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 408 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 408 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 404Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 412Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-100
Freescale Semiconductor
9.14.1.3
PCI Interface
The PCI bridge supports the error detection and reporting mechanism as specified in the PCI Local Bus
Specification, Revision 2.2. The PCI bridge detects master and target abort errors, address parity errors,
received SERR, and master and target PERR errors. In these cases, the appropriate bit is set in the ESR,
and the address, data and control information about the transaction is loaded in the PCI error address
capture register (PCI_EACR), the PCI data capture register (PCI_EDCR) and the PCI error control capture
register.
9.14.1.3.1
Address Parity Error
If the PCI bridge is acting as a PCI master and the target detects and reports (by asserting SERR) a PCI
address parity error, the PCI bridge sets bit 5 of the ESR and sets the detected parity error bit (bit 15) in
the PCI status register. This setting of bit 15 is independent of the settings in the PCI command register.
If the PCI bridge is acting as a PCI target and detects a PCI address parity error, the PCI interface of the
PCI bridge sets the status bit in the PCI status register (bit 15) and bit 0 of the ESR. If bits 6 and 8 of the
PCI command register are set, the PCI bridge reports the address parity error by asserting SERR to the
master (two clocks after the address phase) and sets bit 14 of the PCI status register.
9.14.1.3.2
Data Parity Error
If the PCI bridge is acting as a PCI master and a write data parity error is signaled by the target asserting
PERR, the PCI bridge sets bit 8 of the PCI status register if the parity error response bit (bit 6) in the PCI
command Register is set. The PCI bridge sets bit 7 of the error status register (refer to Section 9.11.1.9,
“Error Status Register (ESR)”), regardless of the configuration of the PCI command register.
If the PCI bridge is acting as a PCI master and a read data parity error occurs, the PCI bridge sets bit 8 of
the PCI status register if the parity error response bit (bit 6) in the PCI command register is set. The PCI
bridge sets bit 2 of the error status register. If the PCI command register of the PCI bridge is programmed
to respond to parity errors (bit 6 of the PCI command register is set) the PCI bridge reports the error to the
PCI target by asserting PERR and tries to complete the command if possible. The PCI bridge also sets bit
15 of the PCI status register regardless of the value of the parity error response bit (bit 6) in the PCI
command register.
If the PCI bridge is acting as a PCI target when the write data parity error occurs, the PCI bridge sets bit
15 of the PCI status register and bit 1 of the error status register (ESR). The setting of these bits is
independent of the settings in the PCI command register. If bit 6 of the PCI command Register is set, the
PCI bridge asserts PERR. When the data has all been transferred, the PCI bridge completes the operation
but ignores the data.
If the PCI bridge is acting as a PCI target when the master asserts PERR, the PCI bridge sets bit 6 of ESR
(refer to Section 9.11.1.9, “Error Status Register (ESR)”), regardless of the configuration of the PCI
command register.
9.14.1.3.3
Master-Abort Transaction Termination
If the PCI bridge, acting as a master, initiates a PCI bus transaction (excluding special-cycle transactions)
but there is no response from any PCI agent (DEVSEL has not been asserted within five PCI bus clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com