Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 409 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 409 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 405Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 406Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 407Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 408Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 413Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 409 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-101
from the start of the address phase), the PCI bridge terminates the transaction with a master-abort and sets
the master-abort flag (bit 13) in the PCI status register and bit 3 in the ESR.
In the case of no response for a PCI read configuration transaction, the PCI bridge terminates the
transaction with a master-abort, but will return data of all ones and will not assert a machine check. This
kind of termination enables the host CPU to perform a PCI device scan without having to know in advance
if a particular PCI slot is populated or empty. The software still needs to mask the PCI_NO_RSP bit in the
error mask register (refer to Section 9.11.1.10, “Error Mask Register (EMR)”). Any other type of
transaction that is terminated with a master-abort results in a machine check interrupt.
9.14.1.3.4
Target-Abort Error
If a PCI transaction initiated by the PCI bridge is terminated by target-abort, the PCI bridge sets the
received target-abort flag (bit 12) of the PCI status register and bit 4 of the error status register (refer to
Section 9.11.1.9, “Error Status Register (ESR)”). Note that data transferred in a target-aborted transaction
may be corrupt.
9.14.1.3.5
NMI
This signal is captured in bit 11 of the ESR (refer to Section 9.11.1.9, “Error Status Register (ESR)”). It
indicates that an error has occurred on the 60x bus in a transaction that was originally initiated by the PCI
bridge.
9.14.1.4
Embedded Utilities
Embedded utilities errors are errors detected in the I2O interface. Embedded utilities errors are limited to
queue overflows in the I2O outbound free queue and the inbound post queue.
9.14.1.4.1
Outbound Free Queue Overflow
If the PCI bridge detects an I2O outbound free queue overflow, it sets bit 8 of the error status register (refer
to Section 9.11.1.9, “Error Status Register (ESR)”) and freezes all I2O state information.
9.14.1.4.2
Inbound Post Queue Overflow
If the PCI bridge detects an I2O inbound post queue overflow, it sets bit 9 of the error status register (refer
to Section 9.11.1.9, “Error Status Register (ESR)”) and freezes all I2O state information.
9.14.1.4.3
Inbound DoorBell Machine Check
If an external PCI master writes the inbound doorbell register such that the most significant bit is set, then
bit 12 of ESR (refer to Section 9.11.1.9, “Error Status Register (ESR)”) is set and a machine check is
asserted to the local processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com