Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 413 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 413 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 409Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 417Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 1386 page
background image
Clocks and Power Control
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
10-3
Figure 10-1. MPC8280 System Clock Architecture
CLKIN1
MAIN_CLK (= 2 X CPM_CLK)
X
(SCMR[PLLMF] + 1)
BUS_CLK
CORE_CLK
Main PLL for CPM Clocks
÷ 2
÷ (SCMR[BUSDF] + 1)
CPM_CLK
BUS_CLK2
SCC_CLK
BRG_CLK
General-purpose divider
÷ (SCCR[PCIDF] + 1)
PCI_CLK1
Core
Notes:
1 In PCI agent mode, CLKIN = PCI_CLK. Refer to Section 10.1.6, “PCI Bridge as an Agent Operating from the
PCI System Clock.”
2 BUS_CLK = CLKIN.
3 The core PLL multiplication is set through SCMR[CORECNF] as described in Table 10-3.
4 SCMR is a read-only register. Its value is determined during power-on reset (PORESET). Refer to
Section 10.5, “System Clock Mode Register (SCMR).”
SCMR[CORECNF]3
÷ 22(SCCR[DFBRG] + 1)
General-purpose divider
General-purpose divider
General-purpose divider
General-purpose divider
CORE PLL
CPM PLL
÷ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com