Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 416 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 416 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 420Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 416 / 1386 page
background image
Clocks and Power Control
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
10-6
Freescale Semiconductor
10.4
System Clock Control Register (SCCR)
The system clock control register (SCCR), shown in Figure 10-5, is memory-mapped into the MPC8280’s
internal space.
Table 10-2 SCCR Field Descriptions describes SCCR fields.
022
23
24
25
28
29
30
31
Field
—
PCI_MODE PCI_MODCK
PCIDF
CLPD
DFBRG
Reset
0
Refer to Table 10-2
001
R/W
R/W
R
R/W
Addr
0x10C80
Figure 10-5. System Clock Control Register (SCCR)
Table 10-2. SCCR Field Descriptions
Bits
Name
Defaults
Description
POR
Hard Reset
0–22
—
0
Unaffected
Reserved
23
PCI_MODE
PCI_Mode
Unaffected
PCI Mode
0 Disabled
1 Enabled
Reflects the inverted value of the PCI_Mode pin.
24
PCI_MODC
K
PCI_MODC
K
Unaffected
Reflects the value of the PCI_MODCK pin.
25–28
PCIDF
Config pins
Unaffected
PCI division factor.
29
CLPD
0
Unaffected
CPM low power disable.
0 Default. CPM does not enter low power mode when the core
enters low power mode.
1 CPM and SIU enter low power mode when the core does. This
may be useful for debug tools that use the assertion of QREQ
as an indication of breakpoint in the core.
30–31
DFBRG
01
Unaffected
Division factor of BRG_CLK. Determines BRG_CLK frequency.
Changing the value does not result in a loss of lock condition.
BRG_CLK is divided from the PLL output clock (defined as
“MAIN_CLK”), which is 2x the CPM clock. Refer to Figure 10-1.
The decimal equivalent of the binary value of SCCR[30–31]
determines the overall BRG_CLK dividers, as shown in
Figure 10-1. MAIN-CLK is divided by 22(DFBRG + 1).
00 Decimal value of 0; MAIN_CLK divided by 4.
01 Decimal value of 1; MAIN_CLK divided by 16 (normal
operation).
10 Decimal value of 2; MAIN_CLK divided by 64.
11 Decimal value of 3; MAIN_CLK divided by 256.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com