Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 414 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 414 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 410Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 418Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 1386 page
background image
Clocks and Power Control
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
10-4
Freescale Semiconductor
10.1.6
PCI Bridge as an Agent Operating from the PCI System Clock
If the MPC8280 is connected to a system which generates the PCI clock, the PCI clock should be fed to
the CLKIN1 pin. The PCI clock is internally multiplied by the PLL to generate the chip’s internal high
speed clock. This clock is used to generate the 60x bus clock. The 60x bus clock is then driven by a DLL
circuit to the DLLOUT pin, which has a feedback path from the board to the CLKIN2 pin. This feedback
clock signal is used by the DLL logic to minimize clock skew between the internal and external clocks.
NOTE
All PCI timings are measured relative to CLKIN1; all 60x bus timings are
measured relative to CLKIN2.
Figure 10-2. PCI Bridge as an Agent, Operating from the PCI System Clock
10.1.7
PCI Bridge as a Host Generating the PCI System Clock
In a system where the MPC8280 is the host that generates the PCI clock, the 60x bus clock should be
driven to the CLKIN1 pin. The 60x bus clock is internally multiplied by the PLL to generate the CPM high
speed clock and then internally divided to generate the PCI bus clock. The PCI bus clock is then driven by
the DLL circuit to the DLLOUT pin, which has a feedback path from the board to the CLKIN2 pin. This
feedback controls clock skew by ensuring the same internal and external clock timing.
NOTE
All PCI timings are measured relative to CLKIN2, and all 60x bus timings
are measured relative to CLKIN1.
PLL
Dividers
PCI Interface
%
%
CPM_CLK
BUS_CLK
PCI_CLK
60x Circuit
PCI Circuit
clkin1
dllout
clkin2
PCI Clock
Bus Clock
MPC8280
BUS_CLK
DLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com