Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 415 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 415 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 411Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 412Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 413Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 419Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 1386 page
background image
Clocks and Power Control
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
10-5
Figure 10-3. PCI Bridge as a Host, Generating the PCI System Clock
10.2
External Clock Inputs
The input clock source to the PLL is an external clock oscillator at the bus frequency. The PLL skew
elimination between the CLOCKIN pin and the internal bus clock is guaranteed.
10.3
PLL Pins
Table 10-1 shows the dedicated PLL pins.
Figure 10-4. PLL Filtering Circuit
Table 10-1. Dedicated PLL Pins
Signal
Description
VCCSYN1 Drain Voltage—Analog VDD dedicated to core analog PLL circuits. To ensure core clock stability, filter
the power to the VCCSYN1 input with a circuit similar to the one in “PLL Filtering Circuit” Figure. To filter
as much noise as possible, place the circuit as close as possible to VCCSYN1. The 0.1-µF capacitor
should be closest to VCCSYN1, followed by the 10-µF capacitor, and finally the 10-
Ω resistor to Vdd.
These traces should be kept short and direct.
VCCSYN
Drain Voltage—Analog VDD dedicated to analog main PLL circuits. To ensure internal clock stability,
filter the power to the VCCSYN input with a circuit similar to the one in “PLL Filtering Circuit” Figure. To
filter as much noise as possible, place the circuit should as close as possible to VCCSYN. The 0.1-µF
capacitor should be closest to VCCSYN, followed by the 10-µF capacitor, and finally the 10-
Ω resistor to
Vdd. These traces should be kept short and direct.
PLL
Dividers
PCI Interface
%
%
CPM_CLK
BUS_CLK
PCI_CLK
PCI Circuit
60x Circuit
clkin1
dllout
clkin2
60x Bus Clock
PCI Clock
MPC8280
PCI_CLK
DLL
VDD
VCCSYN
0.1uF
10uF
10ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com