Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 418 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 418 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 414Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 415Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 416Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 417Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 422Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 1386 page
background image
Clocks and Power Control
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
10-8
Freescale Semiconductor
Note: At PCI Agent mode, when PCI_MODCK = 0, the ratio of CPM_CLK/PCI_CLK should be calculated from PLLMF as follows:
CPM_CLK / PCI_CLK = (PLLMF + 1) / 2.
At PCI Agent mode, when PCI_MODCK = 1, the ratio of CPM_CLK/PCI_CLK should be calculated from PLLMF as follows:
PLLMF = 3 > CPM_CLK / PCI_CLK = 4
PLLMF = 5 > CPM_CLK / PCI_CLK = 6
PLLMF = 7 > CPM_CLK / PCI_CLK = 8
PLLMF = 9 > CPM_CLK / PCI_CLK = 5
PLLMF = B > CPM_CLK / PCI_CLK = 6
10.5.1
Core PLL Configurations
Table 10-4 shows SCMR[CORECNF] bit values and translations to the core PLL mode.
16–27
—
—
—
Reserved
28–31
PLLMF
Config pins
Unaffected
PLL multiplication factor. PLLMF controls the value of the divider in
the PLL feedback loop.
Note: The definition of PLLMF depends on the clock mode2:
• Local bus and PCI host: PLLMF = 2(CPM_CLK/CLKIN) – 1
• PCI agent: PLLMF = 2(CPM_CLK/PCI_CLK) – 1
Refer to Sections 10.1.6 and 10.1.7 for more details.
1 MODCK[1-3] and MODCK_H. Refer to Section 10.1.4, “Dividers.”
2 (CPM_CLK/CLKIN) is defined as the CPM Multiplication Factor in the MPC8280 Family Hardware Specifications.
(CPM_CLK/PCI_CLK) is defined as the CPM Multiplication Factor in the
MPC8280 Family Hardware Specifications.
Table 10-4. 60x Bus-to-Core Frequency
SCMR[CORECNF]
Bus-to-Core Multiplier
0x04, 0x05, 0x15
2x
0x06, 0x11
2.5x
0x08, 0x10
3x
0x0E, 0x1E
3.5x
0x0A, 0x1A
4x
0x07, 0x17
4.5x
0x0B, 0x1B
5x
0x09, 0x19
5.5x
0x0D, 0x1D
6x
0x12
6.5x
0x14
7x
0x16
7.5x
Table 10-3. SCMR Field Descriptions (continued)
Bits
Name
Defaults
Description
PORESET
Hard Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com