Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 422 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 422 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 418Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 426Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 422 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-2
Freescale Semiconductor
•
18-bit address and 32-bit local data bus memory controller. The local bus memory controller
supports the following:
— 8-, 16-, and 32-bit port sizes
— Parity checking and generation
— Ability to work in parallel with the 60x bus memory controller
•
Flexible chip-select assignment—The 60x bus and local bus share twelve chip-select lines
(controlled by a memory controller bank). The user can allocate the twelve banks as needed
between the 60x bus and the local bus.
•
Flexible UPM assignment—The user can assign any of the three UPMs to the 60x bus or the Local
bus
Figure 11-1 shows the dual-bus architecture.
Figure 11-1. Dual-Bus Architecture
MPC8280
A[0–31]
D[0–63]
LA[14–31]
LD[0–31]
External
Master
60x
Local
60x Memory
Control Signals
CS[0–11]
Local Memory
Control Signals
60x Address
Bus Interface
Local Address
Bus Interface
Local Data
Bus Interface
60x Address [0–31]
Local Address [0–31]
60x Data[0–63]
Local Data [0–63]
GPCM
SDRAM
Local
Memory
Controller
SDRAM
GPCM
60x
Memory
Controller
3 UPM
Arrays
Local
60x-to-Local
Core
CPM/Local
60x
Transactions
60x Data
Bus Interface
CPM/PCI
Master
Slave
Slave
Memory
Devices
Memory
Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com