Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 426 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 426 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 430Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-6
Freescale Semiconductor
Figure 11-3. Simple System Configuration
Implementation differences between the supported machines are described in the following:
•
The SDRAM machine provides a glueless interface to JEDEC-compliant SDRAM devices, and
using SDRAM pipelining, page mode, and bank interleaving delivers very high performance. To
allow fine tuning of system performance, the SDRAM machine provides two types of page modes
selectable per memory bank:
— Page mode for consecutive back-to-back accesses (normal operation)
— Page mode for intermittent accesses
SDRAM machines are available on the 60x and local buses; each memory bank can be assigned to
any SDRAM machine.
•
The GPCM provides a glueless interface to EPROM, SRAM, flash EPROM (FEPROM), and other
peripherals. The GPCM is available on both buses on CS[0–11]. CS0 also functions as the global
(boot) chip-select for accessing the boot EPROM or FLASH device. The chip-select allows 0 to 30
wait states.
•
The UPMs provide a flexible interface to many types of memory devices. Each UPM can control
the address multiplexing for accessing DRAM devices and the timings of BS[0–7] and GPL. Each
UPM can be assigned either to the 60x or to the local bus. Each memory bank can be assigned to
any UPM.
Each UPM is a programmable RAM-based machine. The UPM toggles the memory controller
external signals as programmed in RAM when an internal or external master initiates any external
read or write access. The UPM also controls address multiplexing, address increment, and transfer
acknowledge (TA) assertion for each memory access. The UPM specifies a set of signal patterns
for a user-specified number of clock cycles. The UPM RAM pattern run by the memory controller
is selected according to the type of external access transacted. At every clock cycle, the logical
value of the external signals specified in the RAM array is output on the corresponding UPM pins.
Address
CE
OE
WE
Data
EPROM
RAS
CAS[0–7]
W
Data
DRAM
CS1
GPLx
Data
BS/WE[0–7]
GPL2/OE
CS0
Address
Address
UPMA
GPCM
MPC8280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com