Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 423 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 423 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 419Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 427Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-3
11.1
Features
The memory controller’s main features are as follows:
•
Twelve memory banks
— 32-bit address decoding with mask
— Variable block sizes (32 Kbytes to 4 Gbytes)
— Three types of data errors check/correction:
– Normal odd/even parity
– Read-modify-write (RMW) odd/even parity for single accesses
–ECC
— Write-protection capability
— Control signal generation machine selection on a per-bank basis
— Flexible chip-select assignment between the 60x bus and the local bus
— Supports internal or external masters on the 60x bus
— Data buffer controls activated on a per-bank basis
— Atomic operation
— Extensive external memory-controller/bus-slave support
— ECC/parity byte-select
— Data pipeline to reduce data setup time for synchronous devices
•
Synchronous DRAM machine (60x or local bus)
— Provides the control functions and signals for glueless connection to JEDEC-compliant
SDRAM devices
— Back-to-back page mode for consecutive, back-to-back accesses
— Supports 2-, 4- and 8-way bank interleaving
— Supports SDRAM port size of 64-bit (60x only), 32-bit, 16-bit and 8-bit
— Supports external address and/or command lines buffering
•
General-purpose chip-select machine (GPCM)—60x or local bus
— Compatible with SRAM, EPROM, FEPROM, and peripherals
— Global (boot) chip-select available at system reset
— Boot chip-select support for 8-, 16-, 32-, and 64-bit devices
— Minimum two clock accesses to external device
— Eight byte write enable signals (WE)—four on the local bus
— Output enable signal (OE)
— External access termination signal (GTA)
•
Three UPMs
— Each machine can be assigned to the 60x or local bus.
— Programmable-array-based machine controls external signal timing with a granularity of up to
one quarter of an external bus clock period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com