Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 427 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 427 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 431Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-7
Figure 11-4 shows a basic configuration.
Figure 11-4. Basic Memory Controller Operation
The SDRAM mode registers (LSDMR and PSDMR) define the global parameters for the 60x and local
SDRAM devices. Machine A/B/C mode registers (MxMR) define most of the global features for each
UPM. GPCM parameters are defined in the option register (ORx). Some SDRAM and UPM parameters
are also defined in ORx.
11.2.1
Address and Address Space Checking
The defined base address is written to the BRx. The bank size is written to the ORx. Each time a bus cycle
access is requested on the 60x or local bus, addresses are compared with each bank. If a match is found on
a memory controller bank, the attributes defined in the BRx and ORx for that bank are used to control the
memory access. If a match is found in more than one bank, the lowest-numbered bank handles the memory
access (that is, bank 0 has priority over bank 1).
NOTE
Although 60x bus accesses that hit a bank allocated to the local bus are
transferred to the local bus, local bus access hits to banks allocated to the
60x bus are ignored. 60x-to-local bus transactions have priority over regular
memory bank hits.
Address
Comparator
Bank Select
UPMx
GPCM
MS/BS
Fields
Signals
Timing
Generator
MUX
Internal/External Memory Access Request Select
Address (A),
Address
Type (AT)
External Signals
SDRAM Machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com