Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 428 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 428 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 432Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-8
Freescale Semiconductor
11.2.2
Page Hit Checking
The SDRAM machine supports page-mode operation. Each time a page is activated on the SDRAM
device, the SDRAM machine stores its address in a page register. The page information, which the user
writes to the ORx register, is used along with the bank size to compare page bits of the address to the page
register each time a bus-cycle access is requested. If a match is found together with bank match, the bus
cycle is defined as a page hit. An open page is automatically closed by the SDRAM machine if the bus
becomes idle, unless ORx[PMS] is set.
11.2.3
Error Checking and Correction (ECC)
ECC can be configured for any bank as long as it is assigned to the 60x bus and is connected to a 64-bit
port size memory. ECC is generated and checked on a 64-bit basis using DP[0–7] for the bank if
BRx[DECC] = 11. If ECC is used, single errors can be corrected and all double-bit errors can be detected.
11.2.4
Parity Generation and Checking
Parity can be configured for any bank, if it is preferred. Parity is generated and checked on a per-byte basis
using DP[0–7] or LDP[0–3] for the bank if BR[DECC] = 01 for normal parity and 10 for RMW parity.
SIUMCR[EPAR] determines the global type of parity (odd or even).
Note that RMW parity can be used only for 32- or 64-bit port size banks. Also, using RMW parity on a
32-bit port size bank requires that the bus is placed in strict 60x mode. This is done by setting BCR[ETM]
(BCR[LETM] for the local bus). Refer to Section 4.3.2.1, “Bus Configuration Register (BCR).”
NOTE: RMW Parity and ECC Modes and Pipelined Addresses
Due to design constraints, using RMW parity or ECC modes and pipelined
addresses (BCR[PLDP] = 0) on the SDRAM interface, requires that the
PSDMR[CL] will be set to 10, choosing CAS latency of 2. If CAS latency
of 3 is needed, use BCR[PLDP] = 1 for a pipeline depth of zero.
When the MPC8280 is decoding a 60x read transaction into one of its internal memory-mapped registers
or dual-port RAM that was originated by an external 60x master, it will generate parity bits along with the
data bytes on DP[0–7]. The type of parity (odd or even) is determined by the SIUMCR[EPAR]
programming.
11.2.5
Transfer Error Acknowledge (TEA) Generation
The memory controller asserts the transfer error acknowledge signal (TEA) in the following cases:
•
An unaligned or burst access is attempted to internal MPC8280 space (registers or dual-port
RAM). Note that the dual-port RAM cannot be accessed via bursts.
•
The core or an external master attempts a burst access to the local bus address space
•
A bus monitor timeout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com