Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 424 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 424 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 420Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 421Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 422Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 423Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 424Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 428Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 424 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-4
Freescale Semiconductor
— User-specified control-signal patterns run when an internal or external master requests a
single-beat or burst read or write access.
— UPM refresh timer runs a user-specified control signal pattern to support refresh
— User-specified control-signal patterns can be initiated by software
— Each UPM can be defined to support DRAM devices with depths of 64, 128, 256, and 512
Kbytes, and 1, 2, 4, 8, 16, 32, 64, 128, and 256 Mbytes
– Chip-select line
– Byte-select lines
– Six external general-purpose lines
— Supports 8-, 16-, 32-, and 64-bit memory port sizes, 8-, 16-, and 32-bit port sizes on the local
bus
— Page mode support for successive transfers within a burst
— Internal address multiplexing for all on-chip bus masters supporting 64-, 128-, 256-, and
512-Kbyte, and 1-, 2-, 4-, 8-, 16-, 32-, 64-, 128-, 256-Mbyte page banks
11.2
Basic Architecture
The memory controller consists of three basic machines:
•
Synchronous DRAM machine
•
General-purpose chip-select machine (GPCM)
•
Three UPMs
Each bank can be assigned to any one of these machines via BRx[MS] as shown in Figure 11-2. The MS
and MxMR[BSEL] bits (for UPMs) assign banks to the 60x bus or local bus, as shown in Figure 11-2..
Addresses are decoded by comparing (A[0–16] bit-wise and ORx[AM]) with BRx[BA]. If an address
match occurs in multiple banks, the lowest numbered bank has priority. However, if a 60x bus access hits
a bank allocated to the local bus, the access is transferred to the local bus. Local bus access hits to 60x
assigned banks are ignored.
When a memory address matches BRx[BA], the corresponding machine takes ownership of the external
signals that control access and maintains control until the cycle ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com