Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 429 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 429 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 425Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 426Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 427Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 428Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 433Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-9
11.2.6
Machine Check Interrupt (MCP) Generation
The memory controller asserts machine check interrupt (MCP) in the following cases:
•
A parity error
•
An ECC double-bit error
•
An ECC single bit error when the maximum number of ECC errors has been reached
11.2.7
Data Buffer Controls (BCTL
x and LWR)
The memory controller provides two data buffer controls for the 60x bus (BCTL0 and BCTL1) and one
for the local bus (LWR). These controls are activated when a GPCM- or UPM-controlled bank is accessed
and can be disabled by setting ORx[BCTLD]. An access to an SDRAM-machine controlled bank does not
activate the BCTLx controls. The BCTL signals are asserted on the rising edge of CLKIN on the first cycle
of the memory controller operation. They are negated on the rising edge of CLKIN after the last assertion
of PSDVAL of the access is asserted. (See Section 11.2.13, “Partial Data Valid Indication (PSDVAL).”) If
back-to-back memory controller operations are pending, BCTLx is not negated.
The BCTL signals have a programmable polarity. See Section 4.3.2.6, “SIU Module Configuration
Register (SIUMCR).”
11.2.8
Atomic Bus Operation
The MPC8280 supports the following kinds of atomic bus operations BRx[ATOM]:
•
Read-after-write (RAWA). When a write access hits a memory bank in which ATOM = 01, the
MPC8280 locks the bus for the exclusive use of the accessing master (internal or external).
While the bus is locked, no other device can be granted the bus. The lock is released when the
master that created the lock accesses the same bank with a read transaction. If the master fails to
release the lock within 256 bus clock cycles, the lock is released and a special interrupt is
generated. This feature is intended for CAM operations.
•
Write-after-read (WARA). When a read access hits a memory bank in which ATOM = 10, the
MPC8280 locks the bus for the exclusive use of the accessing master (internal or external).
During the lock period, no other device can be granted bus mastership. The lock is released when
the device that created the lock access the same bank with a write transaction. If the device fails to
release the lock within 256 bus clock cycles, the lock is released and a special interrupt is
generated.
NOTE
This mechanism does not replace the PowerPC reservation mechanism.
11.2.9
Data Pipelining
Multiple-MPC8280 systems that use data checking, such as ECC or parity, face a timing problem when
synchronous memories, such as SDRAM, are used. Because these devices can output data every cycle and
because the data checking requires additional data setup time, the timing constraints are extremely hard to
meet. In such systems, the user should set the data pipelining bit, BRx[DR]. This creates data pipelining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com