Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 433 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 433 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 429Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 430Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 431Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 437Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-13
11.3.1
Base Registers (BR
x)
The base registers (BR0–BR11) contain the base address and address types that the memory controller uses
to compare the address bus value with the current address accessed. Each register also includes a memory
attribute and selects the machine for memory operation handling. Figure 11-7 shows the BRx register
format.
Table 11-4 describes BRx fields.
0
15
Field
BA
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10100 (BR0); 0x10108 (BR1); 0x10110 (BR2); 0x10118 (BR3); 0x10120 (BR4); 0x10128 (BR5);
0x10130 (BR6); 0x10138 (BR7); 0x10140 (BR8); 0x10148 (BR9); 0x10150 (BR10); 0x10158 (BR11)
16
17
18
19
20
21
22
23
24
26
27
28
29
30
31
Field
BA
—
PS1
DECC
WP
MS
EMEMC1
ATOM
DR
V 1
Reset
000
see note
0000_000
see note
000
see note
R/W
R/W
Addr
0x10102 (BR0); 0x1010A (BR1); 0x10112 (BR2); 0x1011A (BR3); 0x10122 (BR4); 0x1012A (BR5);
0x10132 (BR6); 0x1013A (BR7); 0x10142 (BR8); 0x1014A (BR9); 0x10152 (BR10); 0x1015A (BR11)
1For BR0 these fields depend on reset configuration sequence. See Section 5.4.1, “Hard Reset Configuration Word.”
For BR1–11, these fields are cleared at reset.
Figure 11-6. Base Registers (BR
x)
Table 11-4. BR
x Field Descriptions
Bits
Name
Description
0–16
BA
Base address. The upper 17 bits of each base address register are compared to the address on
the address bus to determine if the bus master is accessing a memory bank controlled by the
memory controller. Used with ORx[SDAM] for SDRAM and with ORx[AM] for GPCM and UPM.
17–18
—
Reserved, should be cleared.
19–20
PS
Port size. Specifies the port size of this memory region.
01 8-bit
10 16-bit
11 32-bit
00 64-bit (60x bus only)
21–22
DECC
Data error correction and checking. Specifies the method for data error checking and correction.
See Section 11.2.3, “Error Checking and Correction (ECC),” and Section 11.2.4, “Parity Generation
and Checking.”
00 Data errors checking disabled
01 Normal parity checking
10 Read-modify-write parity checking
11 ECC correction and checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com