Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 437 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 437 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 441Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 437 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-17
Figure 11-8 shows ORx as it is formatted for GPCM mode.
Table 11-6 describes ORx fields in GPCM mode.
26
PMSEL
Page mode select. Selects page mode for the SDRAM connected to the memory controller bank.
0 Back-to-back page mode (normal operation). Page is closed when the bus becomes idle.
1 Page is kept open until a page miss or refresh occurs.
27
IBID
Internal bank interleaving within same device disable. Setting this bit disables bank interleaving
between internal banks of a SDRAM device connected to the chip-select line. IBID should be set
in 60x-compatible mode if the SDRAM device is not connected to the BANKSEL pins.
28–31
—
Reserved, should be cleared.
0
15
Field
AM
Reset1
1111_1110_0000_00001
R/W
R/W
Addr
0x10104 (OR0); 0x1010C (OR1); 0x10114 (OR2); 0x1011C (OR3); 0x10124 (OR4); 0x1012C (OR5);
0x10134 (OR6); 0x1013C (OR7); 0x10144 (OR8); 0x1014C (OR9); 0x10154 (OR10); 0x1015C (OR11)
16
17
18
19
20
21
22
23
24
27
28
29
30
31
Field AM
—
BCTLD CSNT
ACS
—
SCY
SETA TRLX EHTR
—
Reset1
0
000
111
0
1111
0
1
0
0
R/W
R/W
Addr
0x10106 (OR0); 0x1010E (OR1); 0x10116 (OR2); 0x1011E (OR3); 0x10126 (OR4); 0x1012E (OR5);
0x10136 (OR6); 0x1013E (OR7); 0x10146 (OR8); 0x1014E (OR9); 0x10156 (OR10); 0x1015E (OR11)
1 Reset values are for OR0 only. OR1–11 are undefined at reset.
Figure 11-8. OR
x —GPCM Mode
Table 11-6. OR
x—GPCM Mode Field Descriptions
Bits
Name
Description
0–16
AM
Address mask. Masks corresponding BR
x bits. Masking address bits independently allows external
devices of different size address ranges to be used.
0 Corresponding address bits are masked.
1 The corresponding address bits are used in the comparison with address pins. Address mask bits
can be set or cleared in any order in the field, allowing a resource to reside in more than one area
of the address map. AM can be read or written at any time.
Note: After system reset, OR0[AM] is 1111_1110_0000_0000_0.
17–18
—
Reserved, should be cleared.
Table 11-5. OR
x Field Descriptions (SDRAM Mode) (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com