Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 440 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 440 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 444Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 440 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-20
Freescale Semiconductor
11.3.3
60x SDRAM Mode Register (PSDMR)
The 60x SDRAM mode register (PSDMR), shown in Figure 11-10, is used to configure operations
pertaining to SDRAM.
Table 11-8 describes PSDMR fields. LSMDR fields are described in Table 11-9.
23
BI
Burst inhibit. Indicates if this memory bank supports burst accesses.
0 The bank supports burst accesses
1 The bank does not support burst accesses. The UPMx executes burst accesses as series of
single accesses.
24–28
—
Reserved, should be cleared.
29–30
EHTR
Extended hold time on read accesses. Indicates how many cycles are inserted between a read
access from the current bank and the next access.
00 Normal timing is generated by the memory controller. No additional cycles are inserted.
01 One idle clock cycle is inserted.
10 Four idle clock cycles are inserted.
11 Eight idle clock cycles are inserted.
31
—
Reserved, should be cleared.
01
2
4
5
7
8
11
13
14
15
Field
PBI
RFEN
OP
SDAM
BSMA
SDA10
RFRC
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10190 (PSDMR), 0x10194 (LSDMR)
16
17
19
20
22
23
24
25
26
27
28
29
30
31
Field RFRC
PRETOACT
ACTTORW
BL
LDOTOPRE
WRC
EAMUX BUFCMD
CL
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x10192 (PSDMR), 0x10196 (LSDMR)
Figure 11-10. 60x/Local SDRAM Mode Register (PSDMR/LSDMR)
Table 11-7. Option Register (OR
x)—UPM Mode (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com