Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 444 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 444 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 447Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 448Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-24
Freescale Semiconductor
11.3.4
Local Bus SDRAM Mode Register (LSDMR)
The LSDMR, shown in Figure 11-10, has the same fields as the PSDMR. Table 11-9 describes LSDMR
fields.
Table 11-9. LSDMR Field Descriptions
Bits
Name
Description
0
PBI
Page-based interleaving. Selects the address multiplexing method. PBI works in conjunction
with LSDMR[SDA10]. See Section 11.4.5, “Bank Interleaving.”
0 Bank-based interleaving
1 Page-based interleaving (normal operation)
1
RFEN
Refresh enable. Indicates that the SDRAM requires refresh services.
0 Refresh services are not required
1 Refresh services are required
2–4
OP
SDRAM operation. Selects the operation that occurs when the SDRAM device is accessed.
000 Normal operation
001 CBR refresh, used in SDRAM initialization.
010 Self refresh (for debug purpose).
011 Mode Register write, used in SDRAM initialization.
100 Precharge bank (for debug purpose).
101 Precharge all banks, used in SDRAM initialization.
110 Activate bank (for debug purpose).
111 Read/write (for debug purpose).
5–7
SDAM
Address multiplex size. Determines how the address of the current memory cycle is output on
the address pins. See Section 11.4.5.2, “SDRAM Address Multiplexing (SDAM and BSMA).”
8–10
BSMA
Bank select multiplexed address line. Selects which MPC8280 address pins serve as
bank-select address for the local bus SDRAM. See Section 11.4.5.2, “SDRAM Address
Multiplexing (SDAM and BSMA).”
000 L_A14 (OR
x[BPD] must be 00)
001 L_A–L_A15 (OR
x[BPD] must be 00 or 01)
010 L_A14–L_A16
011 L_A15–L_A17
100 L_A16–L_A18
101 L_A17–L_A19
110 L_A18–L_A20
111 L_A19–L_A21
11–13
SDA10
“A10” control. When SDRAM is selected, with LSDMR[PBI], determines which address line is
output to SDA10 during an ACTIVATE command, to control the memory access. See
Section 11.4.12.1, “SDRAM Configuration Example (Page-Based Interleaving).”
For PBI=0:
000 A12
001 A11
010 A10
011 A9
100 A8
101 A7
110 A6
111 A5
For PBI=1:
000 A10
001 A9
010 A8
011 A7
100 A6
101 A5
110 A4
111 A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com