Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 443 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 443 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 443Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 444Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 445Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 446Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 447Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-23
28
EAMUX
External address multiplexing enable/disable.
0 No external address multiplexing. Fastest timing.
1 The memory controller asserts SDAMUX for an extra cycle before issuing an ACTIVATE
command to the SDRAM. This is useful when external address multiplexing can cause a
delay on the address lines. Note that if this bit is set, ACTTORW should be a minimum of 2.
In 60x-compatible mode, external address multiplexing is placed on the address lines. If the
additional delay of the multiplexing endangers the device setup time, EAMUX should be set.
Setting this bit causes the memory controller to add another cycle for each address phase.
Note that EAMUX can also be set in any case of delays on the address lines, such as address
buffers. See Section 11.4.6.7, “External Address Multiplexing Signal.”
29
BUFCMD
If external buffers are placed on the control lines going to both the SDRAM and address lines,
setting BUFCMD causes all SDRAM control lines except CS to be asserted for two cycles,
instead of one. See Section 11.4.6.8, “External Address and Command Buffers (BUFCMD).”
0 Normal timing for the control lines
1 All control lines except CS are asserted for two cycles
In 60x-compatible mode, external buffers may be placed on the command strobes, except CS,
as well as the address lines. If the additional delay of the buffers endangers the device setup
time, BUFCMD should be set, which causes the memory controller to add a cycle for each
SDRAM command.
30–31
CL
CAS latency. Defines the timing for first read data after SDRAM samples a column address. See
Section 11.4.6.3, “Column Address to First Data Out—CAS Latency.”
00 Reserved
01 1
10 2
11 3
Table 11-8. PSDMR Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com