Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 439 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 439 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 440Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 441Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 442Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 443Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 439 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-19
NOTE
GPCM produces a glitch on the BSx lines when the following memory
controller settings are used: SETA = 1, CSNT = 1, ACS = 01, TRLX = 1,
and SCY = 0000.
During a write operation, the BSx are asserted for 3/4 of a cycle, negated for
1/4 of a cycle, and asserted again until the end of the cycle. Therefore, when
the other conditions occur, it is necessary that SCY
≠ 0000.
Figure 11-9 shows ORx as it is formatted for UPM mode.
Table 11-7 describes the ORx fields in UPM mode.
0
15
Field
AM...
Reset
0000_0000_0000_00001
R/W
R/W
Addr 0x10104 (OR0); 0x1010C (OR1); 0x10114 (OR2); 0x1011C (OR3); 0x10124 (OR4); 0x1012C (OR5); 0x10134
(OR6); 0x1013C (OR7); 0x10144 (OR8); 0x1014C (OR9); 0x10154 (OR10); 0x1015C (OR11)
16
17
18
19
20
22
23
24
28
29
30
31
Field ...AM
—
BCTLD
—
BI
—
EHTR
—
Reset
0000_0000_0000_00001
R/W
R/W
Addr 0x10106 (OR0); 0x1010E (OR1); 0x10116 (OR2); 0x1011E (OR3); 0x10126 (OR4); 0x1012E (OR5); 0x10136
(OR6); 0x1013E (OR7); 0x10146 (OR8); 0x1014E (OR9); 0x10156 (OR10); 0x1015E (OR11)
1 Reset values are for OR0 only. OR1–11 are undefined at reset.
Figure 11-9. OR
x—UPM Mode
Table 11-7. Option Register (OR
x)—UPM Mode
Bits
Name
Description
0–16
AM
Address mask. Provides masking for corresponding BR
x bits. By masking address bits
independently, external devices of different size address ranges can be used. Any clear bit masks
the corresponding address bit. Any set bit causes the corresponding address bit to be used in the
comparison with the address pins. Address mask bits can be set or cleared in any order in the field,
allowing a resource to reside in more than one area of the address map. AM can be read or written
at any time.
17–18
—
Reserved, should be cleared.
19
BCTLD Data buffer control disable. Disables the assertion of BCTL
x (60x bus) and LWR (local bus) during
an access to the current memory bank. See Section 11.2.7, “Data Buffer Controls (BCTLx and
LWR).”
0BCTL
x and LWR are asserted upon an access to the current memory bank.
1BCTL
x and LWR are not asserted upon an access to the current memory bank.
20–22
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com