Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 436 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 436 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 432Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 433Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 434Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 435Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 436Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 437Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 438Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 439Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 440Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-16
Freescale Semiconductor
Table 11-5. OR
x Field Descriptions (SDRAM Mode)
Bits
Name
Description
0–11
SDAM
SDRAM address mask. Provides masking for corresponding BR
x bits. By masking address bits
independently, SDRAM devices of different size address ranges can be used. Clearing bits
masks the corresponding address bit. Setting bits causes the corresponding address bit to be
compared with the address pins. Address mask bits can be set or cleared in any order, allowing
a resource to reside in more than one area of the address map. SDAM can be read or written at
any time.
0000_0000_0000
4Gbytes
1000_0000_0000
2 Gbytes
1100_0000_0000
1 Gbyte
1110_0000_0000
512 Mbytes
1111_0000_0000
256 Mbytes
1111_1000_0000
128 Mbytes
1111_1100_0000
64 Mbytes
1111_1110_0000
32 Mbytes
1111_1111_0000
16 Mbytes
1111_1111_1000
8 Mbytes
1111_1111_1100
4 Mbytes
1111_1111_1110
2 Mbytes
1111_1111_1111
1 Mbyte
Note: If xSDMR[PBI] = 0, the maximum size of the memory bank should not exceed 128 Mbytes.
12–16
LSDAM
Lower SDRAM address mask. Clearing LSDAM implements a minimum size of 1 Mbyte.
SDRAM Page Information
17–18
BPD
Banks per device. Sets the number of internal banks per SDRAM device.
00 2 internal banks per device
01 4 internal banks per device
10 8 internal banks per device (not valid for 128-Mbyte SDRAMs)
11 Reserved
Note: For 128-Mbyte SDRAMs, BPD must be 00 or 01.
19–22
ROWST
Row start address bit. Sets the demultiplexed row start address bit. The value of ROWST
depends on SDMR[PBI].
For xSDMR[PBI] = 0:
0010 A7
0100 A8
0110 A9
1000 A10
1010 A11
1100 A12
1110 A13
Other values are reserved
For xSDMR[PBI] = 1:
0000 A0
0001 A1
...
1100 A12
1101–1111 Reserved
23–25
NUMR
Number of row address lines. Sets the number of row address lines in the SDRAM device.
000 9 row address lines
001 10 row address lines
010 11 row address lines
011 12 row address lines
100 13 row address lines
101 14 row address lines
110 15 row address lines
111 16 row address lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com